Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # RMB
Description  RMB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

RMB Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  RMB Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD RMB Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMB SERIES
•Small size,(20.5×7×15 mm)light weight.
•Switching capacity up to 5A.
•Low coil power consumption 0.2W.
Suitable for household electrical appliance,automation system,electronic equipment,
instrument,meter,telecommunication facilities and remote control facilities.
Resistive (Cos.q = 1)
Resistive (Cos.q = 1)
AC 125V
AC 250V/DC 30V
5A
3A
FEATURES
COIL DATA(0.2W at 25 )
C
1. Type
2.Coil Nominal Voltage.
2
CONTACT RATING
1 Form A(1PST)
ORDERING INFORMATION
12
RMB
1
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms )
Nominal Current
(mA)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
5
12
24
125
720
2800
40
16.7
8.3
0.5
3.75
9.0
18.0
1.2
2.4
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - RMB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
Dwyer Instruments,
RMB DWYER-RMB Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
RMB-1 DWYER-RMB-1 Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
RMB-1-SSV DWYER-RMB-1-SSV Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
More results

Similar Description - RMB

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
PHOENIX CONTACT
2891054 PHOENIX-2891054 Datasheet
172Kb / 4P
Mounting kit - FL RMB 4800E
Dec 6, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com