Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # RMB
Description  RMB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

RMB Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  RMB Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD RMB Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
1000 MW Min. (DC 500V)
750 VAC, 50/60Hz between contact.
4000 VAC, 50/60Hz between all elements.
Ag alloy
100 milliohms max. ( initial value )
Functional:100m/s 11ms Survival:1000m/s (6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
10 ms max.
10 ms max.
o
o
- 40 C ~ + 85 C
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
4 grams
GENERAL DATA
DIMENSIONS(±0.2mm)
WIRING DIAGRAM
(BOTTOM VIEW)
P.C.B LAYOUT
(BOTTOM VIEW)
7
0.45
0.8
4.7
20.5
0.2
11.5
7.0
11.5
7.0
2
2
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com