Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD2001D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMD2001D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMD2001D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMD2001D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PMD2001D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 August 2009
3 of 15
NXP Semiconductors
PMD2001D
MOSFET driver
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
40
V
VCEO
collector-emitter voltage
open base
-
40
V
IC
collector current
-
0.6
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-1
A
IBM
peak base current
-
0.1
A
single pulse;
tp ≤ 1ms
-
0.2
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
320
mW
[2] -
400
mW
[3] -
540
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 1cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
Tamb (°C)
−75
175
125
25
75
−25
006aaa768
200
400
600
Ptot
(mW)
0
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com