Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD2001D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMD2001D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMD2001D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMD2001D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMD2001D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.
Product profile
1.1 General description
NPN/PNP transistor pair connected as push-pull driver in a SOT457 (SC-74)
Surface-Mounted Device (SMD) plastic package.
1.2 Features
I Switching transistors in push-pull configuration
I Application-optimized pinout
I Space-saving solution
I Internal connections to minimize layout effort
I Reduces component count
1.3 Applications
I MOSFET driver
I Power bipolar transistor driver
I Output current booster for operational amplifier
1.4 Quick reference data
PMD2001D
MOSFET driver
Rev. 02 — 28 August 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCEO
collector-emitter voltage
open base
-
-
40
V
IC
collector current
-
-
0.6
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com