Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC460 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSC460
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC460 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSC460 Datasheet HTML 1Page - Continental Device India Limited CSC460 Datasheet HTML 2Page - Continental Device India Limited CSC460 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CSC460
TO-92
Plastic Package
High Frequency And VHF Amplifier Mixer
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
100
mA
Power Dissipation @ Ta=25ºC
PC
200
mW
Operating And Storage Junction
Tj, Tstg
-55 to +125
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNIT
MIN
TYP
MAX
Collector Emitter Voltage
VCEO
IC=1mA,RBE=0
30
V
Collector Base Voltage
VCBO
IC=10µA,IE=0
30
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5V
Collector Cut off Current
ICBO
VCB=18V, IE = 0
0.5
µA
Emitter Cut off Current
IEBO
VEB=2V, IC = 0
0.5
µA
Base Emitter (on) Voltage
VBE (on)
IC=2mA, VCE=12V
0.75
V
Collector Emitter Saturation
VCE(sat)
IC=10mA,IB=1mA
1.1
V
Voltage
DC Current Gain
hFE
IC=2mA, VCE=12V
35
200
SMALL SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product
fT
IC=2mA, VCE=12V
230
MHz
Output Capacitance
Cob
IE=0, VCB=10V
3.5
pF
f=1MHz
Noise Figure
NF
VCE =6V,IC=2mA
Rg=500
Ω,f=1MHZ
5dB
hFE CLASSIFICATION
A :
B:
C:
35-70
60-150
100-200
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CSC460

ManufacturerPart #DatasheetDescription
logo
VITROHM
CSC402 VITROHM-CSC402 Datasheet
693Kb / 3P
SMD Power Shunt Resistor
Revision: 202010
logo
Continental Device Indi...
CSC4115 CDIL-CSC4115 Datasheet
59Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
CSC4212 CDIL-CSC4212 Datasheet
267Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
logo
List of Unclassifed Man...
CSC4213 ETC-CSC4213 Datasheet
66Kb / 2P
CSC4213
logo
Continental Device Indi...
CSC4217 CDIL-CSC4217 Datasheet
56Kb / 3P
TO-126 (SOT-32) Plastic Package
More results

Similar Description - CSC460

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com