Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB321 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB321
Description  Full-speed USB Hub/Function Microcontroller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB321 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB321 Datasheet HTML 1Page - ATMEL Corporation AT43USB321 Datasheet HTML 2Page - ATMEL Corporation AT43USB321 Datasheet HTML 3Page - ATMEL Corporation AT43USB321 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• 8-bit AVR® Core with 83 ns Instruction Cycle Time
• 16K Bytes ROM Program Memory
• 512 Bytes SRAM
• 32 x 8 General Purpose Working Registers
• 20 Programmable I/O Port Pins
• Programmable Serial UART
• SPI Serial Interface
• One 8-bit Timer/Counter with Separate Prescaler
• One 16-bit Timer/Counter with Separate Prescaler
• External and Internal Interrupt Sources
• Programmable Watchdog Timer with On-chip Oscillator
• Bus-or Self-powered USB Hub with Four Downstream Ports
• One Attached Function Port with Three Endpoints
• Programmable 6/12 MHz Oscillator with PLL
• On-chip 3.3V Supply for USB
• 42-pin SDIP and 48-lead TQFP Packages
Overview
The Atmel AT43USB321 is a single-chip microcontroller based USB hub with an
embedded function and a 16K byte masked ROM. The USB hub has five downstream
ports, one of which is permanently attached. Internally the AT43320 consists of a USB
hub and function interface, a hub repeater, and a high-performance, efficient 8-bit
RISC microcontroller. The hub and peripheral device controller function is imple-
mented in the microcontoller’s firmware. To the USB host, the embedded function
appears as an attached port of the hub with its own device address and endpoints.
The AT43USB321 can also be configured as a USB function without the hub.
The USB hardware block consists of a USB transceiver, SIE, hub repeater, endpoint
controllers, and an interface to the microcontroller. The USB hardware interfaces to
the USB host at the transaction level. The CPU of the microcontroller is based on the
Atmel AVR microcontroller. The AVR architecture was developed to be programmed
in C efficiently and with maximum performance.
Full-speed USB
Hub/Function
Microcontroller
AT43USB321
Rev. 1442A–08/99


Similar Part No. - AT43USB321

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB320A ATMEL-AT43USB320A Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
AT43USB320A ATMEL-AT43USB320A Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
AT43USB320A-AC ATMEL-AT43USB320A-AC Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
AT43USB325 ATMEL-AT43USB325 Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
More results

Similar Description - AT43USB321

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
Full-Speed USB (12 Mbps) Function
September 7, 2001
logo
Winbond
W81E381 WINBOND-W81E381 Datasheet
695Kb / 63P
FULL SPEED USB INTEGRATED MICROCONTROLLER
logo
ATMEL Corporation
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
Full-speed USB Hub/Function Microcontroller
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
USB Full Speed Microcontroller
logo
Cypress Semiconductor
CY7C64013C CYPRESS-CY7C64013C Datasheet
2Mb / 51P
Full-Speed USB (12-Mbps) Function
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Cypress Semiconductor
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
Full-Speed USB (12-Mbps) Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com