Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB321 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT43USB321
Description  Full-speed USB Hub/Function Microcontroller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB321 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT43USB321 Datasheet HTML 1Page - ATMEL Corporation AT43USB321 Datasheet HTML 2Page - ATMEL Corporation AT43USB321 Datasheet HTML 3Page - ATMEL Corporation AT43USB321 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AT43USB321
2
Figure 1. AT43USB321 Block Diagram
Development Support
The AT4USB321 uses the same program and development
tools as the Atmel AVR microcontrollers including: C com-
pilers, macro assemblers, program debuggers/simulators,
in-circuit emulators. The AT43USB321 is binary compatible
with the AT43320 and the two share the same develop-
ment kit, which includes firmware source code for the most
common USB applications.
Applications
The attached diagram shows an applicatio n of th e
AT43USB321 in a monitor as a hub with two embedded
functions: a monitor display controller and IR receiver. The
number of external downstream ports of the hub is pro-
grammable from one to four. The hub can be self-powered
or bus-powered. In most cases, hubs in the monitors will be
self-powered because of the readily availability of the
power supply and its more versatility.
In this example, the AT43USB321 interfaces to the moni-
tor’s microcontroller, the host microcontroller, through an
I2C serial bus that supports two way communications such
as DDC2Bi. The firmware inside the AT43USB321 acts as
the translator between the host system and the host micro-
controller. This function can be performed without any
modification in the host microcontroller’s firmware resulting
in a very flexible way of adding USB capability in any moni-
tor. The IR receiver function is also implemented in
firmware also and can support any consumer type IR proto-
col that uses a frequency in the range of up to 52 kHz.
HUB AND
DEVICE
CONTROLLER
GENERAL PURPOSE IO
PORT4
PORT3
PORT2
PORT1
LFT
OSC1
OSC2
6/12M
DP0
DM0
PA[0:7]
PB[0:7]
PD0/RXD
PD1/TXD
PD2/INT0
PD3/INT1
CEXT
VCC
VSS
DP4
DM4
DP3
DM3
DP2
DM2
DP1
DM1
OVC
PWR
RST
OSC
&
PLL
SERIAL
INTERFACE
ENGINE
HUB
REPEATER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com