Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS95V157 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS95V157
Description  2.5V Single-Ended to SSTL_2 Clock Driver (45MHz - 233MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS95V157 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS95V157 Datasheet HTML 1Page - Renesas Technology Corp ICS95V157 Datasheet HTML 2Page - Renesas Technology Corp ICS95V157 Datasheet HTML 3Page - Renesas Technology Corp ICS95V157 Datasheet HTML 4Page - Renesas Technology Corp ICS95V157 Datasheet HTML 5Page - Renesas Technology Corp ICS95V157 Datasheet HTML 6Page - Renesas Technology Corp ICS95V157 Datasheet HTML 7Page - Renesas Technology Corp ICS95V157 Datasheet HTML 8Page - Renesas Technology Corp ICS95V157 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS95V157
0501C—11/24/08
Block Diagram
2.5V Single-Ended to SSTL_2 Clock Driver (45MHz - 233MHz)
Pin Configuration
48-Pin TSSOP
Recommended Application:
Single-ended clock input with zero delay board fan out
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
1 to 10 differential clock distribution (SSTL_2)
•
Feedback pin for input to output synchronization
•
PD# for power management
•
Spread Spectrum tolerant inputs
Switching Characteristics:
•
CYCLE - CYCLE jitter: <60ps
•
OUTPUT - OUTPUT skew: <60ps
•
Period jitter: ±30ps
•
DUTY CYCLE: 49.5% - 50.5%
Functionality
6.10 mm. Body, 0.50 mm. pitch = TSSOP
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
A#
D
PT
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
F
D
N
GH
L
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
D
N
G
HHH
L
H
f
f
o
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LL
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
LH
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
HL
L
H
L
n
o
V
5
.
2
)
m
o
n
(
HHH
L
H
n
o


Similar Part No. - ICS95V157

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V2F857AK RENESAS-ICS95V2F857AK Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V2F857AKLFT RENESAS-ICS95V2F857AKLFT Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
More results

Similar Description - ICS95V157

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
ICS95VLP857 RENESAS-ICS95VLP857 Datasheet
293Kb / 14P
2.5V Low Power Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com