Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS97U877 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS97U877
Description  1.8V Wide Range Frequency Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS97U877 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS97U877 Datasheet HTML 1Page - Renesas Technology Corp ICS97U877 Datasheet HTML 2Page - Renesas Technology Corp ICS97U877 Datasheet HTML 3Page - Renesas Technology Corp ICS97U877 Datasheet HTML 4Page - Renesas Technology Corp ICS97U877 Datasheet HTML 5Page - Renesas Technology Corp ICS97U877 Datasheet HTML 6Page - Renesas Technology Corp ICS97U877 Datasheet HTML 7Page - Renesas Technology Corp ICS97U877 Datasheet HTML 8Page - Renesas Technology Corp ICS97U877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ICS97U877
0792A—04/15/04
Absolute Maximum Ratings
Supply Voltage (VDDQ & AVDD) . . . . . . . . . -0.5V to 2.5V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.5V to VDDQ + 0.5V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage AVDDQ, VDDQ = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
(CLK_INT, CLK_INC)
IIH
VI = VDDQ or GND
±250
µA
Input Low Current (OE,
OS, FB_INT, FB_INC)
IIL
VI = VDDQ or GND
±10
µA
Output Disabled Low
Current
IODL
OE = L, VODL = 100mV
100
µA
IDD1.8
CL = 0pf @ 270MHz
300
mA
IDDLD
CL = 0pf
500
µA
Input Clamp Voltage
VIK
VDDQ = 1.7V Iin = -18mA
-1.2
V
IOH = -100 µA
VDDQ - 0.2
V
IOH = -9 mA
1.1
1.45
V
IOL=100 µA
0.25
0.10
V
IOL=9 mA
0.6
V
Input Capacitance
1
CIN
VI = GND or VDDQ
23
pF
Output Capacitance
1
COUT
VOUT = GND or VDDQ
23
pF
1Guaranteed by design, not 100% tested in production.
Operating Supply
Current
High-level output voltage
VOH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com