Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS97U877 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS97U877
Description  1.8V Wide Range Frequency Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS97U877 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS97U877 Datasheet HTML 1Page - Renesas Technology Corp ICS97U877 Datasheet HTML 2Page - Renesas Technology Corp ICS97U877 Datasheet HTML 3Page - Renesas Technology Corp ICS97U877 Datasheet HTML 4Page - Renesas Technology Corp ICS97U877 Datasheet HTML 5Page - Renesas Technology Corp ICS97U877 Datasheet HTML 6Page - Renesas Technology Corp ICS97U877 Datasheet HTML 7Page - Renesas Technology Corp ICS97U877 Datasheet HTML 8Page - Renesas Technology Corp ICS97U877 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ICS97U877
0792A—04/15/04
Notes:
1.
Unused inputs must be held high or low to prevent them from floating.
2.
DC input signal voltage specifies the allowable DC execution of differential input.
3.
Differential inputs signal voltages specifies the differential voltage [VTR-VCP]
required for switching, where VTR is the true input level and VCP is the
complementary input level.
4.
Differential cross-point voltage is expected to track variations of VDDQ and is the
voltage at which the differential signal must be crossing.
Recommended Operating Condition (see note1)
TA = 0 - 70°C; Supply Voltage AVDD, VDDQ = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDDQ, AVDD
1.7
1.8
1.9
V
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.35 x VDDQ
V
OE, OS
0.35 x VDDQ
V
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.65 x VDDQ
V
OE, OS
0.65 x VDDQ
V
DC input signal voltage (note
2)
VIN
-0.3
VDDQ + 0.3
V
DC - CLK_INT, CLK_INC,
FB_INC, FB_INT
0.3
VDDQ + 0.4
V
AC - CLK_INT, CLK_INC,
FB_INC, FB_INT
0.6
VDDQ + 0.4
V
Output differential cross-
voltage (note 4)
VOX
VDDQ/2 - 0.10
VDDQ/2 + 0.10
V
Input differential cross-
voltage (note 4)
VIX
VDDQ/2 - 0.15 VDD/2
VDDQ2 + 0.15
V
High level output current
IOH
-9
mA
Low level output current
IOL
9mA
Operating free-air
temperature
TA
070
°C
Differential input signal
voltage (note 3)
VID
Low level input voltage
VIL
High level input voltage
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com