Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS16LD
Description  Single high-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16LD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS16LD Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS16LD
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 12 October 2010
3 of 11
Nexperia
BAS16LD
Single high-speed switching diode
5.
Limiting values
[1] Device mounted on an FR4 PCB with 60 μm copper strip line.
[2] Tj =25 °C prior to surge.
[3] Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1] Device mounted on an FR4 PCB with 60 μm copper strip line.
[2] Reflow soldering is the only recommended soldering method.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-100
V
VR
reverse voltage
-
100
V
IF
forward current
[1]
215
mA
IFRM
repetitive peak forward
current
tp ≤ 0.5 μs;
δ≤
0.25
-500
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1][3] -250
mW
Tj
junction temperature
-
150
°
C
Tamb
ambient temperature
−
55
+150
°
C
Tstg
storage temperature
−
65
+150
°
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
500
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com