Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS16LD
Description  Single high-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16LD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS16LD Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16LD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BAS16LD
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 12 October 2010
2 of 11
Nexperia
BAS16LD
Single high-speed switching diode
2.
Pinning information
[1] The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
[1] For SOD882D binary marking code description, see Figure 1.
4.1 Binary marking code description
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
Transparent
top view
2
1
006aab040
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS16LD
-
leadless ultra small plastic package; 2 terminals;
body 1.0 × 0.6 × 0.4 mm
SOD882D
Table 4.
Marking codes
Type number
Marking code[1]
BAS16LD
1000
0000
Fig 1.
SOD882D binary marking code description
VENDOR CODE
MARKING CODE
(EXAMPLE)
CATHODE BAR
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac477



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com