Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS17 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS17
Description  Low-voltage stabistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS17 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS17 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003 Mar 25
3
NXP Semiconductors
Product data sheet
Low-voltage stabistor
BAS17
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.2
IF = 0.1 mA
580
−
660
mV
IF = 1 mA
665
−
745
mV
IF = 5 mA
725
−
805
mV
IF = 10 mA
750
−
830
mV
IF = 100 mA
870
−
960
mV
IR
reverse current
VR = 4 V
−
−
5
µA
rdif
differential resistance
IF = 0.5 mA
−
120
−
Ω
IF = 2 mA
−
80
−
Ω
SF
temperature coefficient
IF = 1 mA
−
−1.8
−
mV/K
Cd
diode capacitance
VR = 0 V; f = 1 MHz
−
−
140
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
330
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com