Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS17 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS17
Description  Low-voltage stabistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS17 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS17 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS17 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003 Mar 25
4
NXP Semiconductors
Product data sheet
Low-voltage stabistor
BAS17
GRAPHICAL DATA
Tj = 25 °C.
(1) Minimum values.
(2) Maximum values.
Fig.2
Forward current as a function of forward
voltage.
handbook, halfpage
1.0
0.5
102
10
1
(1)
(2)
10−1
MBG517
VF (V)
0.75
IF
(mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com