Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAS416
Description  Low-leakage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS416 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS416 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BAS416
Low-leakage diode
mbg704
10
1
102
IFSM
(A)
10-1
tp (µs)
1
104
103
10
102
Based on square wave currents.
Tj(init) = 25 °C
Fig. 3. Non-repetitive peak forward current as a
function of pulse duration; typical values
102
150
200
50
0
mlb754
100
10
1
10- 1
10- 2
10- 3
IR
(nA)
Tj (°C)
(1)
(2)
VR = 75 V
(1) Maximum values
(2) Typical values
Fig. 4. Reverse current as a function of junction
temperature
mbg526
0
10
20
15
5
VR (V)
2
0
1
Cd
(pF)
f = 1 MHz; Tamb = 25 °C
Fig. 5. Diode capacitance as a function of reverse voltage; typical values
BAS416
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
2 October 2020
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com