Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS416
Description  Low-leakage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS416 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS416 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS416 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAS416
Low-leakage diode
2 October 2020
Product data sheet
1. General description
Epitaxial, medium-speed switching diode with a low leakage current encapsulated in a small
SOD323 SMD plastic package.
2. Features and benefits
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 us
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.
• AEC-Q101 qualified
3. Applications
• Low-leakage current applications in surface mounted circuits.
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
-
85
V
VF
forward voltage
IF = 50 mA; Tj = 25 °C
-
-
1.1
V
IR
reverse current
VR = 75 V; pulsed; Tj = 25 °C
-
0.003 5
nA
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tj = 25 °C
-
0.8
3
µs
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
2
1
SOD323
aaa-032142
K
A


Similar Part No. - BAS416

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Rectron Semiconductor
BAS416 RECTRON-BAS416 Datasheet
546Kb / 7P
Low-leakage double diode
logo
RFE international
BAS416 RFE-BAS416 Datasheet
1Mb / 3P
Small-Signal Fast Switching Diodes
28-12-2021
More results

Similar Description - BAS416

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Central Semiconductor C...
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS45A PHILIPS-BAS45A_15 Datasheet
122Kb / 8P
Low-leakage diode
1996 Mar 13
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com