Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45AL Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS45AL
Description  Low-leakage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS45AL Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS45AL Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS45AL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BAS45AL
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 6 August 2010
2 of 11
Nexperia
BAS45AL
Low-leakage diode
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Tj =25
°C prior to surge.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS45AL
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code
BAS45AL
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-125
V
VR
reverse voltage
-
125
V
IF
forward current
[1] -250
mA
IFRM
repetitive peak forward
current
-625
mA
IFSM
non-repetitive peak
forward current
square wave
[2]
tp =1
μs-
4
A
tp =1 ms
-
1
A
tp =1 s
-
0.5
A
Ptot
total power dissipation
Tamb
≤ 25 °C
[1] -400
mW
Tj
junction temperature
-
175
°C
Tstg
storage temperature
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com