Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150PE Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # ART150PE
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PE Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  ART150PE Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
5 of 19
ART150PE; ART150PEG
Power LDMOS transistor
7.
Test information
7.1 Ruggedness in class-AB operation
The ART150PE and ART150PEG are capable of withstanding a load mismatch
corresponding to VSWR
 65 : 1 through all phases under the following conditions:
VDS =65 V; IDq =20mA; PL = 150 W; f = 108 MHz; CW and CW pulsed (tp =100 s;
 =10%).
7.2 Impedance information
Fig 3.
Definition of transistor impedance
Table 9.
Typical impedance
Simulated Zi and ZL device impedance; impedance info at VDS = 65 V and PL =150 W.
f
Zi
ZL
(MHz)
(
)
(
)
108
5.2
 j22.6
12.1 + j4.7
amp01313
gate
drain
Zi
ZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com