Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150PE Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # ART150PE
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PE Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button ART150PE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 13Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 14Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 15Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 16Page - Ampleon Netherlands B.V. ART150PE Datasheet HTML 17Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
13 of 19
ART150PE; ART150PEG
Power LDMOS transistor
Fig 18. Package outline TO-270-2F-1 (sheet 2 of 2)
DETAIL B
SCALE 50 : 1
B
TO-270-2F-1
Package outline drawing:
Revision:
Sheet 2 of 2
Revision date:
11/7/2022
Tolerances unless otherwise stated:
Dimension:
0.05
Angle:
1°
Third angle projection
TO-270-2F-1
0
units in mm.
Drawing Notes
Items
Description
(1)
Dimensions are excluding mold protrusion. The mold protrusion is maximum 0.15 mm per side. See also detail B.
In the dambar area max. protrusion is 0.55 mm. max. in length and 0.3 mm. max. in width (4x). See also detail B.
(2)
The lead dambar (metal) protrusions are not included. Add 0.14 mm max to the total lead dimension at the dambar location.
(3)
The leads and exposed heatsink are plated with matte Tin (Sn).
(4)
Dimensions (Heatsink ears) 10,67 and 1,78 do not include mouldprotrusion. Overall Max. dimensions incl. mould
protrusions is 10.92 mm. (max.) and 2.03 mm. (max.).
(5)
Lead coplanarity over the leads is 0,1 mm. maximum.
(6)
Surfaces may remain unplated (not solderable surfaces).
Lead Dambar protrusion (#2)
(0.3 m
ax.)
0.15 m
ax. (#1
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com