Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150PEG Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # ART150PEG
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PEG Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  ART150PEG Datasheet HTML 1Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 2Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 3Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 4Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 5Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 6Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 7Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 8Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Product profile
1.1 General description
Based on Advanced Rugged Technology (ART), this 150 W LDMOS RF transistor has
been designed to cover a wide range of applications for ISM, broadcast and
communications. The unmatched transistor has a frequency range of 1 MHz to 650 MHz.
[1]
Class EF2 generator.
[2]
Test circuit.
[3]
tp =100 s;  =10%.
1.2 Features and benefits
 High breakdown voltage enables class E operation up to VDS =53V
 Qualified up to a maximum of VDS =65V
 Characterized from 30 V to 65 V to support a wide range of applications
 Integrated dual sided ESD protection enables class C operation and complete switch
off of the transistor
 Excellent ruggedness with no device degradation
 High efficiency
 Excellent thermal stability
 Designed for broadband operation
 For RoHS compliance see the product details on the Ampleon website
1.3 Applications
 Industrial, scientific and medical applications
 Plasma generators
 MRI systems
 Particle accelerators
 Defrosting
 Broadcast
 FM radio
 VHF TV
ART150PE; ART150PEG
Power LDMOS transistor
Rev. 1 — 13 January 2023
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW [1]
6.78
63
150
-
86.5
CW
41
60
150
29.2
85.6
CW
41
65
150
31.7
80
CW [2]
108
65
150
31.0
81.7
CW pulsed [2][3]
108
65
150
31.5
81.4


Similar Part No. - ART150PEG

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
ART150FE AMPLEON-ART150FE Datasheet
1Mb / 17P
Power LDMOS transistor
Rev. 1 ??4 January 2021
ART150FEU AMPLEON-ART150FEU Datasheet
1Mb / 17P
Power LDMOS transistor
Rev. 1 ??4 January 2021
More results

Similar Description - ART150PEG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com