Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART150PEG Datasheet(PDF) 14 Page - Ampleon Netherlands B.V.

Part # ART150PEG
Description  Power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART150PEG Datasheet(HTML) 14 Page - Ampleon Netherlands B.V.

Back Button ART150PEG Datasheet HTML 10Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 11Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 12Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 13Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 14Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 15Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 16Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 17Page - Ampleon Netherlands B.V. ART150PEG Datasheet HTML 18Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ART150PE_ART150PEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2023. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2023
14 of 19
ART150PE; ART150PEG
Power LDMOS transistor
Fig 19. Package outline TO-270-2G-1 (sheet 1 of 2)
DETAIL A
SCALE 25 : 1
A
TO-270-2G-1
Package outline drawing:
Revision:
Sheet 1 of 2
Revision date:
11/7/2022
Tolerances unless otherwise stated:
Dimension:
0.05
Angle:
1°
Third angle projection
TO-270-2G-1
0
units in mm.
4.95 (#2)
0.50
0.10
0.24
0.025
2.03
2.08
()
PIN 1
Exposed Heatsink
0.00 - 0.10
2 - 8
0.25
0.25 A
9.65 (#1)
A
7.4 min. 8.7 max.
Flash/bleed allowed
hatched area (2x)
10.67
0.10 (#4)
Compound allowed
0.20
()
#5
#5
#5
0.2 B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com