Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS487-25 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS487-25
Description  QUAD PLL FOR DTV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS487-25 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS487-25 Datasheet HTML 1Page - Renesas Technology Corp ICS487-25 Datasheet HTML 2Page - Renesas Technology Corp ICS487-25 Datasheet HTML 3Page - Renesas Technology Corp ICS487-25 Datasheet HTML 4Page - Renesas Technology Corp ICS487-25 Datasheet HTML 5Page - Renesas Technology Corp ICS487-25 Datasheet HTML 6Page - Renesas Technology Corp ICS487-25 Datasheet HTML 7Page - Renesas Technology Corp ICS487-25 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS487-25
QUAD PLL FOR DTV
CLOCK SYNTHESIZER
IDT™ / ICS™ QUAD PLL FOR DTV
4
ICS487-25
REV B 092109
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.3
+3.465
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.3
3.465
V
Supply Current
IDD
No load, PDTS=1
35
mA
Power Down Current
IDDPD
No load, PDTS=0
20
µA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
Clock outputs
±70
mA
Input Capacitance, inputs
CIN
5pF
Nominal Output Impedance
ZOUT
20
Ω
Internal Pull-up Resistor
RPU
S1, S0, PDTS pins
360
k
Ω
Internal Pull-down Resistor
RPD
Clock outputs
510
k
Ω
Item
Rating



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com