Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS487-25 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS487-25
Description  QUAD PLL FOR DTV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS487-25 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS487-25 Datasheet HTML 1Page - Renesas Technology Corp ICS487-25 Datasheet HTML 2Page - Renesas Technology Corp ICS487-25 Datasheet HTML 3Page - Renesas Technology Corp ICS487-25 Datasheet HTML 4Page - Renesas Technology Corp ICS487-25 Datasheet HTML 5Page - Renesas Technology Corp ICS487-25 Datasheet HTML 6Page - Renesas Technology Corp ICS487-25 Datasheet HTML 7Page - Renesas Technology Corp ICS487-25 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS487-25
QUAD PLL FOR DTV
CLOCK SYNTHESIZER
IDT™ / ICS™ QUAD PLL FOR DTV
5
ICS487-25
REV B 092109
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70
° C
Note 1: Measured with a 15 pF load.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
fIN
27
MHz
Output Rise Time
tOR
20% to 80%, Note 1
1.2
ns
Output Fall Time
tOF
80% to 20%, Note 1
1.0
ns
Output Clock Duty Cycle
at VDD/2, Note 1
45
50
55
%
Absolute Clock Period Jitter
Note 1
±175
ps
Frequency Synthesis Error
All outputs
0
ppm
Output Enable Time
tOE
PDTS high to output
locked to ±1%
250
µs
Output Disable Time
tOD
PDTS low to tri-state
20
ns
Audio Clock Stabilization Time
Time from a change
in S1 or S0 until
output stable within
±1%
50
µs
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
78
° C/W
θJA
1 m/s air flow
70
° C/W
θJA
3 m/s air flow
68
° C/W
Thermal Resistance Junction to Case
θJC
37
° C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com