Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-01 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS552-01
Description  OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS552-01 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS552-01 Datasheet HTML 4Page - Renesas Technology Corp ICS552-01 Datasheet HTML 5Page - Renesas Technology Corp ICS552-01 Datasheet HTML 6Page - Renesas Technology Corp ICS552-01 Datasheet HTML 7Page - Renesas Technology Corp ICS552-01 Datasheet HTML 8Page - Renesas Technology Corp ICS552-01 Datasheet HTML 9Page - Renesas Technology Corp ICS552-01 Datasheet HTML 10Page - Renesas Technology Corp ICS552-01 Datasheet HTML 11Page - Renesas Technology Corp ICS552-01 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ICS552-01
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
CLOCK MULTIPLIER AND BUFFER
IDT™ / ICS™ OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS 10
ICS552-01
REV H 051310
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Wide Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF"or “LN” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result
from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any
circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
552R-01LN
552R-01LN
Tubes
20-pin SSOP
0 to +70
C
552R-01LNT
552R-01LN
Tape and Reel
20-pin SSOP
0 to +70
C
552R-01ILF
552R-01ILF
Tubes
20-pin SSOP
-40 to +85
C
552R-01ILFT
552R-01ILF
Tape and Reel
20-pin SSOP
-40 to +85
C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
--
1.50
--
0.059
b
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
D
8.55
8.75
0.337
0.344
E
5.80
6.20
0.228
0.244
E1
3.80
4.00
0.150
0.157
e
.635 Basic
.025 Basic
L
0.40
1.27
0.016
0.050
0
8
0
8
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com