Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-01 Datasheet (PDF) - Renesas Technology Corp

ICS552-01 Datasheet PDF - Renesas Technology Corp
Part # ICS552-01
Download  ICS552-01 Download
File Size   282.25 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS

ICS552-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS552-01 Datasheet PDF - Renesas Technology Corp

Part # ICS552-01
Download  ICS552-01 Click to download

File Size   282.25 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS

ICS552-01 Datasheet (HTML) - Renesas Technology Corp


ICS552-01 Product details

Description
The ICS552-01 produces 8 low-skew copies of the
multiple input clock or fundamental, parallel-mode
crystal. Unlike other clock drivers, these parts do not
require a separate oscillator for the input. Using IDT’s
patented Phase-Locked Loop (PLL) to multiply the input
frequency, it is ideal for generating and distributing
multiple high-frequency clocks. This is a single chip
used for 3 different applications:
1) ICS552-01 (A mode) — an Oscillator mutiplier
2) ICS552-01 (B mode) — a Dual 1:4 buffer
3) ICS552-01 (C mode) — a 1:8 Oscillator buffer
Features (all)
• Packaged as 20-pin SSOP (QSOP)
• Pb-free packaging
• Operating voltages of 3.0 V to 5.5 V
• Industrial temperature available
Features (specific)
ICS552-01 (for A mode)
• Contains on-chip multiplier with selections of x1,
x1.33, x2, x2.66, x3, x3.33, x4, x4.66, x5, and x6
Block Diagram (ICS552-01—A mode)
• Power-down and Tri-state modes
ICS552-01 (for B mode)
• Up to 200 MHz clock input/output at 3.3 V
• Low skew of 250 ps maximum for any bank of four
• Inputs can be connected together for a 1 to 8 buffer
with 250 ps skew between any outputs
• Non-inverting buffer mode
• Ideal for clock networks
• Output Enable mode tri-states outputs
• Full CMOS output swing with 25 mA output drive
capability at TTL levels
• Advanced, low power, sub-micron CMOS process
ICS552-01 (for C mode)
• Use with 25 MHz crystal for networking
• Use with 27 MHz crystal for MPEG
ICS552-01 (for A and C modes)
• Input frequency of 10.0 to 27.0 MHz
• Provides 8 low-skew outputs (<250 ps)
• Output clock duty cycle of 40/60 at 3.3 V




Similar Part No. - ICS552-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
More results


Similar Description - ICS552-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
ICS55201-01 ICST-ICS55201-01 Datasheet
178Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 100104
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS552A-01 ICST-ICS552A-01 Datasheet
186Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 010906
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS552A-01 RENESAS-ICS552A-01 Datasheet
402Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com