Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-01A Datasheet (PDF) - Integrated Circuit Systems

ICS552-01A Datasheet PDF - Integrated Circuit Systems
Part # ICS552-01A
Download  ICS552-01A Download
File Size   44.17 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Crystal Oscillator & Multiplier with 8 Low Skew Outputs

ICS552-01A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS552-01A Datasheet PDF - Integrated Circuit Systems

Part # ICS552-01A
Download  ICS552-01A Click to download

File Size   44.17 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Crystal Oscillator & Multiplier with 8 Low Skew Outputs

ICS552-01A Datasheet (HTML) - Integrated Circuit Systems


ICS552-01A Product details

Description
The ICS552-01A produces 8 low skew copies of a multiple of the input when a clock or fundamental, parallel-mode crystal is connected to it. Unlike other clock drivers, it does not require a separate oscillator for the input. Using a phase locked loop (PLL) to multiply the input frequency, it is ideal for generating and distributing multiple high frequency clocks.

Features
• Packaged in 20 pin SSOP (QSOP)
• Input frequency of 10.0 - 27.0 MHz
• Contains on-chip multiplier with selections
   of x1, x1.33, x2, x2.66, x3, x3.33, x4, x4.66, x5, and x6
• Provides 8 low skew outputs (<250 ps)
• Output clock duty cycle of 40/60 at 3.3 V
• Operating voltages of 3.0 V to 5.5 V
• Industrial temperature available
• Power Down and Tri state modes




Similar Part No. - ICS552-01A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Renesas Technology Corp
ICS552-01 RENESAS-ICS552-01 Datasheet
282Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results


Similar Description - ICS552-01A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Exar Corporation
XRT8010 EXAR-XRT8010 Datasheet
256Kb / 13P
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS55201-01 ICST-ICS55201-01 Datasheet
178Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 100104
logo
Exar Corporation
XRT8020 EXAR-XRT8020 Datasheet
425Kb / 12P
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS552A-01 ICST-ICS552A-01 Datasheet
186Kb / 10P
Oscillator, Multiplier, and Buffer with 8 Outputs
Revision 010906
logo
Integrated Device Techn...
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
ICS552-01 RENESAS-ICS552-01 Datasheet
282Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
ICS552A-01 RENESAS-ICS552A-01 Datasheet
402Kb / 12P
OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com