Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-01A Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS552-01A
Description  Crystal Oscillator & Multiplier with 8 Low Skew Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552-01A Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS552-01A Datasheet HTML 1Page - Integrated Circuit Systems ICS552-01A Datasheet HTML 2Page - Integrated Circuit Systems ICS552-01A Datasheet HTML 3Page - Integrated Circuit Systems ICS552-01A Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS552-01A
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
MDS 552-01 AB
3
Revision 032200
Printed 11/14/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
Commercial
0
70
°C
Industrial
-40
85
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V or 5 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V or 5 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V or 5 V unless noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
ICLK
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL
ICLK
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
S3:S0
2
V
Input Low Voltage, VIL
S3:S0
0.8
V
Output High Voltage, VOH
VDD=3.3V, IOH=-8mA
2.4
V
Output Low Voltage, VOL
VDD=3.3V, IOL=8mA
0.4
V
Output High Voltage, VOH, VDD = 3.3 or 5 V
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD, at 3.3 V
No Load, 25 MHz in, x4
35
mA
Operating Supply Current, IDD, at 5 V
No Load, 25 MHz in, x4
59
mA
Power Down Supply Current, IDD, at 3.3 V
S3:S0 = 0 (Gnd)
55
µA
Short Circuit Current, VDD = 3.3 V
Each output
±50
mA
AC CHARACTERISTICS (VDD = 3.3 V or 5 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V or 5 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V or 5 V unless noted)
Input Crystal or Clock Frequency
10
27
MHz
Output Clock Rise Time
0.8 to 2.0 V
1.5
ns
Output Clock Fall Time
2.0 to 0.8 V
1.5
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
Output to Output Skew
Rising edges at VDD/2
250
ps
Electrical Specifications
Note:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01 uF should be connected between VDD and GND on pins 4 and 6, and 16 and 14. Other VDDs and
GNDs can be connected to these pins or directly to their respective power planes. A 33
Ω series terminating
resistor may be used on the clock output if the trace is longer than 1-inch.
The crystal should be a fundamental mode (do not use third overtone), parallel resonant, with accuracy as
required by the application. Crystal capacitors should be connected from pins X1 to ground and X2 to
ground. The value of these capacitors is given by the following equation, where CL is the crystal load
capacitance: Crystal caps (pF) = (CL-12) x 2. So for a crystal with 18pF load capacitance, two 12pF caps
should be used. For a clock input, connect it to X1/ICLK, and leave X2 unconnected (floating).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com