Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552-01A Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS552-01A
Description  Crystal Oscillator & Multiplier with 8 Low Skew Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552-01A Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS552-01A Datasheet HTML 1Page - Integrated Circuit Systems ICS552-01A Datasheet HTML 2Page - Integrated Circuit Systems ICS552-01A Datasheet HTML 3Page - Integrated Circuit Systems ICS552-01A Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Multiplier Select Table
ICS552-01A
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
MDS 552-01 AB
2
Revision 032200
Printed 11/14/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Pin #
Name
Type
Description
1
DC
-
Don't connect.
2
X2
XO
Crystal connection. Connect to a 10 - 27 MHz fundamental mode crystal.
3
X1/ICLK
XI
Crystal connection. Connect to a 10 - 27 MHz fundamental mode crystal, or clock.
4
VDD
P
Connect to +3.3 V or +5.0 V. Decouple with pin 6.
5
S2
I
Multiplier Select Pin 2 per table above.
6
GND
P
Connect to ground.
7
CLK1
O
Clock Output 1.
8
CLK2
O
Clock Output 2.
9
CLK3
O
Clock Output 3.
10
CLK4
O
Clock Output 4.
11
S1
I
Multiplier Select Pin 1 per table above.
12
CLK5
O
Clock Output 5.
13
CLK6
O
Clock Output 6.
14
GND
P
Connect to ground.
15
S3
I
Multiplier Select Pin 3 per table above.
16
VDD
P
Connect to +3.3 V or +5.0 V. Decouple with pin 14.
17
CLK7
O
Clock Output 7.
18
CLK8
O
Clock Output 8.
19
DC
-
Don't connect.
20
S0
I
Multiplier Select Pin 0 per table above.
Pin Descriptions
Key: I = Input; O = output; P = power supply connection, XI, XO = crystal connections
1
16
2
3
4
15
14
13
VDD
CLK1
X2
VDD
20 pin SSOP (QSOP)
5
6
7
8
12
11
10
9
CLK4
DC
X1/ICLK
DC
CLK8
S0
CLK7
CLK5
S1
CLK2
18
17
19
20
S2
GND
CLK6
GND
S3
Pin Assignment
CLK3
S3
S2
S1
S0
Multiplier
0
0
0
0
Power Down
0
0
0
1
x1
0
0
1
0
x1.333
0
0
1
1
x2
0
1
0
0
x2.666
0
1
0
1
x3
0
1
1
0
x3.333
0
1
1
1
x4
1
0
0
0
x5
1
0
0
1
x4.66
1
0
1
0
x6
1
1
0
1
Tri state All
0 = connect directly to ground.
1 = connect directly to VDD.
All clocks stop low in Power Down state.
All clocks outputs are high impedance in 1101 mode.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com