Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8010 Datasheet (PDF) - Exar Corporation

XRT8010 Datasheet PDF - Exar Corporation
Part # XRT8010
Download  XRT8010 Download
File Size   256.67 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS

XRT8010 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT8010 Datasheet PDF - Exar Corporation

Part # XRT8010
Download  XRT8010 Click to download

File Size   256.67 Kbytes
Page   13 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS

XRT8010 Datasheet (HTML) - Exar Corporation


XRT8010 Product details

DESCRIPTION
The XRT8010 is a monolithic analog phase locked loop that provides a high frequency LVDS clock output, using a low frequency crystal or reference clock. It is designed for SONET/SDH and other low jitter applications.The high performance of the IC provides a very low jitter LVDS clock output up to 320 MHz, while operating at 3.3 volts. The XRT8010 has a selectable 8x or 16x internal multiplier for an external crystal or signal source. The Output Enable pin provides a true disconnect for the LVDS output. The very compact (4 x 4 mm) low inductance package is ideal for high frequency operation.

FEATURES
• 156 or 320 MHz Operating Range
• Low Output Jitter:
    ■ 0.0009 UIRMS typical @ 155.52 MHz, per
    Telcordia GR-253-CORE for OC-3.
• On Chip Crystal Oscillator Circuit
    ■ Optimized for 15 to 40 MHz crystals
    ■ Uses parallel fundamental mode
• Selectable 8x or 16x multiplier
• Selectable ÷1 or ÷2 LVDS output
• LVDS output meets TIA/EIA 644A Specification (2001)
• 3.3V Low power CMOS: <80 mW typical
• -40°C to +85°C operating temperature
• Extremely small 16-lead QFN package

APPLICATIONS
• Gigabit Ethernet
• SONET/SDH
• SPI-4 Phase 2
• 8x or 16x Clock Multiplier for
    ■ Computer
    ■ Telecommunications Sytems




Similar Part No. - XRT8010

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results


Similar Description - XRT8010

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Exar Corporation
XRT8020 EXAR-XRT8020 Datasheet
425Kb / 12P
650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 16, 2005
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. B JANUARY 6, 2006
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
REV. A NOVEMBER 23, 2005
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844N255I IDT-ICS844N255I Datasheet
1Mb / 21P
Six differential LVDS clock outputs
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
logo
Renesas Technology Corp
ICS844625I RENESAS-ICS844625I Datasheet
523Kb / 25P
Crystal-to-LVDS Clock Synthesizer
JUNE 3, 2016
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com