Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8020 Datasheet (PDF) - Exar Corporation

XRT8020 Datasheet PDF - Exar Corporation
Part # XRT8020
Download  XRT8020 Download
File Size   425.59 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS

XRT8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRT8020 Datasheet PDF - Exar Corporation

Part # XRT8020
Download  XRT8020 Click to download

File Size   425.59 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 650 MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS

XRT8020 Datasheet (HTML) - Exar Corporation


XRT8020 Product details

DESCRIPTION
The XRT8020 is a monolithic analog phase locked loop that provides a high frequency LVDS clock output, using a low frequency crystal or reference clock. It is designed for SONET/SDH and other low jitter applications.The high performance of the IC provides a very low jitter LVDS clock output up to 650 MHz, while operating at 3.3 volts. The XRT8020 has a selectable 8x, 16x or 32x internal multiplier for an external crystal or signal source. The Output Enable pin provides a true disconnect for the LVDS output. The very compact (4 x 4 mm) low inductance package is ideal for high frequency operation.

FEATURES
• 575 MHz to 675 MHz operating range
• Low Output Jitter: 9ps rms typical at 622 MHz
• On Chip Crystal Oscillator Circuit
• Optimized for 15 to 40 MHz crystals
• Uses parallel fundamental mode crystal
• Selectable 8x, 16x or 32x multiplier
• Selectable ÷ 1 or ÷ 2 LVDS output
• LVDS output meets TIA/EIA 644A Specification (2001)
• 3.3V ±10% Low power CMOS: 80 mW typical
• -40°C to +85°C operating temperature
• Extremely small 16-lead QFN package

APPLICATIONS
• Gigabit Ethernet
• SONET/SDH
• SPI - 4 Phase 2
• 8x, 16x or 32x Clock Multiplier for Computer and Telecommunication Systems




Similar Part No. - XRT8020

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000 EXAR-XRT8000 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000ID EXAR-XRT8000ID Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results


Similar Description - XRT8020

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Exar Corporation
XRT8010 EXAR-XRT8010 Datasheet
256Kb / 13P
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
BROADCOM 25 MHZ LVDS CLOCK
Revision 020204
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Revision 032200
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
100 MHz LVDS Clock Generator
logo
QUARTZCOM the communica...
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
logo
Integrated Device Techn...
ICS844N255I IDT-ICS844N255I Datasheet
1Mb / 21P
Six differential LVDS clock outputs
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
JESD204B Clock Generator with 14 LVDS/HSTL Outputs
10/2014-Revision 0
logo
Renesas Technology Corp
ICS844625I RENESAS-ICS844625I Datasheet
523Kb / 25P
Crystal-to-LVDS Clock Synthesizer
JUNE 3, 2016
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com