Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8010 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT8010
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT8010 Datasheet HTML 2Page - Exar Corporation XRT8010 Datasheet HTML 3Page - Exar Corporation XRT8010 Datasheet HTML 4Page - Exar Corporation XRT8010 Datasheet HTML 5Page - Exar Corporation XRT8010 Datasheet HTML 6Page - Exar Corporation XRT8010 Datasheet HTML 7Page - Exar Corporation XRT8010 Datasheet HTML 8Page - Exar Corporation XRT8010 Datasheet HTML 9Page - Exar Corporation XRT8010 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
XRT8010
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
REV. 1.0.2
5
FIGURE 3. LVDS OUTPUT WAVEFORMS AND TEST CIRCUITS
TABLE 2: FREQUENCY SELECTION TABLE
FS0PIN 10
FS1PIN 9
CRYSTAL
FREQUENCY
INTERNAL
CAPACITOR
MULTIPLY
RATIO
OUTPUT
DIVIDE
FREQUENCY
OUTPUT
1
1
39.0 MHz
12 pF
8x
1
312 MHz
0
1
39.0 MHz
12 pF
8x
2
156 MHz
1
0
19.5 MHz
20 pF
16x
1
312 MHz
0
0
19.5 MHz
20 pF
16x
2
156 MHz
NOTES:
1.
Use Parallel Fundamental mode crystal
2.
FS0has a50K
Ω pull-up resistor to VDD on chip
3.
FS1has a50K
Ω pull-down resistor to ground on chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com