Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS581-01 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS581-01
Description  ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS581-01 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS581-01 Datasheet HTML 1Page - Renesas Technology Corp ICS581-01 Datasheet HTML 2Page - Renesas Technology Corp ICS581-01 Datasheet HTML 3Page - Renesas Technology Corp ICS581-01 Datasheet HTML 4Page - Renesas Technology Corp ICS581-01 Datasheet HTML 5Page - Renesas Technology Corp ICS581-01 Datasheet HTML 6Page - Renesas Technology Corp ICS581-01 Datasheet HTML 7Page - Renesas Technology Corp ICS581-01 Datasheet HTML 8Page - Renesas Technology Corp ICS581-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICS581-01/02
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
ZDB AND MULTIPLEXER
IDT™ / ICS™ ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
3
ICS581-01/02
REV L 051310
Pin Descriptions
Device Operation
The ICS581-01 and ICS581-02 are very similar. Following is
a description of the operation of the ICS581-01 and the
differences of the ICS581-02.
The ICS581-01 is a PLL-based, zero delay, clock
multiplexer. The device consists of an input multiplexer
controlled by SELA that selects between two clock inputs.
The output of the mux drives the reference input of a phase
locked loop. The other input to the PLL comes from a
feedback input pin called FBIN. The output of the PLL drives
four low skew outputs. These chip outputs are therefore
buffered versions of the selected input clock with zero delay
and 50/50 duty cycle.
For correct operation, one of the clock outputs must be
connected to FBIN. In this datasheet, CLK4 is shown as the
feedback, but any one of the four clock outputs can be used.
If output termination resistors are used, the feedback should
be connected before the resistor. It is a property of the PLL
used on this chip that it will align rising edges on FBIN and
either INA or INB (depending on SELA). Since FBIN is
connected to a clock output, this means that the outputs
appear to align with the input with zero delay.
When the input select (SELA) is changed, the output clock
will change frequency and/or phase until it lines up with the
new input clock. This occurs in a smooth, gradual manner
without any short pulses or glitches and will typically take a
few tens of microseconds.
The part must be configured to operate in the correct
frequency range. The table on page two gives the
recommended range.
The four low skew outputs are controlled by two output
enable pins that allow either one, three, or four simultaneous
outputs. If both OE pins are low, the PLL is powered down.
Note that the clock driving the FBIN pin must not be
tri-stated unless the PLL is powered down. Otherwise the
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
S0
Input
Select 0 for frequency range. See table. Internal pull-up.
2
S1
Input
Select 1 for frequency range. See table. Internal pull-up.
3
VDD
Power
Power Supply. Connect to +3.3 V or +5 V.
4
INA
Input
Input Clock A.
5
INB
Input
Input Clock B.
6
GND
Power
Connect to ground.
7
FBIN
Input
Feedback input. Connect to a clock output.
8
OE0
Input
Output enable 0. See table. Internal pull-up.
9
OE1
Input
Output enable 1. See table. Internal pull-up.
10
GND
Power
Connect to ground.
11
CLK4
Output
Low skew clock output.
12
CLK3
Output
Low skew clock output.
13
CLK2
Output
Low skew clock output.
14
CLK1
Output
Low skew clock output.
15
VDD
Power
Power Supply. Connect to +3.3 V or +5 V.
16 (-01)
SELA
Input
Mux select. Selects INA when high. Internal pull-up.
16 (-02)
DIV
Input
Timeout select. See table. Internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com