Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS581-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS581-01
Description  ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS581-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS581-01 Datasheet HTML 1Page - Renesas Technology Corp ICS581-01 Datasheet HTML 2Page - Renesas Technology Corp ICS581-01 Datasheet HTML 3Page - Renesas Technology Corp ICS581-01 Datasheet HTML 4Page - Renesas Technology Corp ICS581-01 Datasheet HTML 5Page - Renesas Technology Corp ICS581-01 Datasheet HTML 6Page - Renesas Technology Corp ICS581-01 Datasheet HTML 7Page - Renesas Technology Corp ICS581-01 Datasheet HTML 8Page - Renesas Technology Corp ICS581-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
ICS581-01/02
IDT™ / ICS™ ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
1
ICS581-01/02
REV L 051310
Description
The ICS581-01/02 are glitch free, Phase Locked Loop
(PLL) based clock multiplexers (mux) with zero delay from
input to output. They each have four low skew outputs
which can be configured as a single output, three outputs,
or four outputs. The ICS581-01 allows user control over the
mux switching, while the ICS581-02 has automatic
switching between the two clock inputs.
The ICS581-01 and -02 are members of IDT’s
ClockBlocksTM family of clock generation, synchronization,
and distribution devices. For a non-PLL based clock mux,
see the ICS580-01.
Features
• 16-pin TSSOP package
• RoHS compliant packaging
• No short pulses or glitches on output
• Operates from 6 to 200 MHz
• Low skew outputs
• User controlled (-01) or automatic, timed mux switch (-02)
• Ideal for systems with back-up or redundant clocks
• Zero delay (input to output)
• 50% output duty cycle allows duty cycle correction
• SpreadSmartTM technology works with spread spectrum
parts
• Industrial temperature of ICS581-02 available
Block Diagram
PLL
GND
1
0
INA
INB
CLK1
VDD
SELA
Output
Divide
2
S1:0
CLK2
CLK3
CLK4
OE1
FBIN
OE0
2
2
ICS581-01
PLL
GND
INA
INB
CLK1
VDD
Output
Divide
2
S1:0
CLK2
CLK3
CLK4
OE1
FBIN
OE0
2
2
1
0
Transition
Detector
1
0
/3
/48
DIV
IN
ICS581-02


Similar Part No. - ICS581-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
Zero-Delay Glitch-Free Clock Multiplexer
Revision 041100
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
More results

Similar Description - ICS581-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
Glitch-Free Clock Multiplexer
Revision 030300
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
Zero-Delay Glitch-Free Clock Multiplexer
Revision 041100
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
Zero Delay Clock Multiplier
logo
Pericom Semiconductor C...
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
ICS580-01 IDT-ICS580-01 Datasheet
238Kb / 13P
GLITCH-FREE CLOCK MULITPLEXER
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
GLITCH-FREE CLOCK MULITPLEXER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com