Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-01 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS601-01
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-01 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS601-01 Datasheet HTML 1Page - Renesas Technology Corp ICS601-01 Datasheet HTML 2Page - Renesas Technology Corp ICS601-01 Datasheet HTML 3Page - Renesas Technology Corp ICS601-01 Datasheet HTML 4Page - Renesas Technology Corp ICS601-01 Datasheet HTML 5Page - Renesas Technology Corp ICS601-01 Datasheet HTML 6Page - Renesas Technology Corp ICS601-01 Datasheet HTML 7Page - Renesas Technology Corp ICS601-01 Datasheet HTML 8Page - Renesas Technology Corp ICS601-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICS601-01
LOW PHASE NOISE CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOW PHASE NOISE CLOCK MULTIPLIER
4
ICS601-01
REV N 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS601-01. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature -40 to +85
° C
Note 1: Switching occurs nominally at VDD/2
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial version
0 to +70
° C
Ambient Operating Temperature, Industrial version
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage
VIH
X1/ICLK pin only
Note 1
VDD/2+1
V
Input Low Voltage
VIL
X1/ICLK pin only
Note 1
VDD/2-1
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
CMOS level
IOH = -4mA
VDD-0.4
V
IOH = -12mA
2.4
Output Low Voltage
VOL
IOL = 12mA
0.4
V
Operating Supply Current
IDD
No load, 125 MHz
22
30
mA
Short Circuit Current
Each output
±40
±60
mA
Input Capacitance
CIN
OE, select pins
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com