Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601-01 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS601-01
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS601-01 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS601-01 Datasheet HTML 1Page - Renesas Technology Corp ICS601-01 Datasheet HTML 2Page - Renesas Technology Corp ICS601-01 Datasheet HTML 3Page - Renesas Technology Corp ICS601-01 Datasheet HTML 4Page - Renesas Technology Corp ICS601-01 Datasheet HTML 5Page - Renesas Technology Corp ICS601-01 Datasheet HTML 6Page - Renesas Technology Corp ICS601-01 Datasheet HTML 7Page - Renesas Technology Corp ICS601-01 Datasheet HTML 8Page - Renesas Technology Corp ICS601-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICS601-01
LOW PHASE NOISE CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOW PHASE NOISE CLOCK MULTIPLIER
2
ICS601-01
REV N 051310
Pin Assignment
Multiplier Select Table
0 = connect directly to ground
1 = connect directly to VDD
Pin Descriptions
1
2
3
VDD
4
REFEN
5
6
GND
7
8
GND
REFOUT
S3
S1
GND
X2
S2
VDD
16
CLK
VDD
X1/ICLK
S0
OE
15
14
13
12
11
10
9
16 Pin (150 mil) TSSOP or SOIC
S3
S2
S1 S0
CLK (see note 2 on following page)
00
0
0
TEST
00
0
1
TEST
00
10
Input x1
00
11
Input x3
01
00
Input x4
01
01
Input x5
01
10
Input x6
01
11
Input x8
10
0
0
TEST
10
0
1
Crystal osc. pass through (no PLL)
10
10
Input x2
10
1
1
TEST
11
00
Input x8
11
0
1
Input x10
11
1
0
Input x12
11
1
1
Input x16
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
CLK
Output
Clock output from VCO. Output frequency equals the input frequency times multiplier.
2
REFEN
Input
Reference clock enable. Turns off the buffered crystal oscillator clock (stops low) when low.
3
VDD
Power
Connect to +3.3V or +5V. Must match other VDDs.
4
VDD
Power
Connect to +3.3V or +5V. Must match other VDDs.
5
VDD
Power
Connect to +3.3V or +5V. Must match other VDDs.
6
X2
XO
Crystal connection. Connect to a 10 - 27 MHz fundamental parallel mode crystal.
Leave disconnected for an external clock input.
7
S1
Input
Multiplier select pin 1. Determines CLK output per table above. Internal pull-up.
8
X1/ICLK
XI
Crystal connection. Connect to a 10 - 27 MHz fundamental parallel mode crystal or clock.
9
S2
Input
Multiplier select pin 2. Determines CLK output per table above. Internal pull-up.
10
S3
Input
Multiplier select pin 3. Determines CLK output per table above. Internal pull-up.
11
S0
Input
Multiplier select pin 0. Determines CLK output per table above. Internal pull-up.
12
OE
Input
Output Enable. Tri-states both output clocks when low. Internal pull-up.
13
REFOUT
Output
Buffered crystal oscillator clock output. Controlled by REFIN.
14 - 16
GND
Power
Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com