Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-40 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS650-40
Description  ETHERNET SWITCH CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-40 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS650-40 Datasheet HTML 1Page - Renesas Technology Corp ICS650-40 Datasheet HTML 2Page - Renesas Technology Corp ICS650-40 Datasheet HTML 3Page - Renesas Technology Corp ICS650-40 Datasheet HTML 4Page - Renesas Technology Corp ICS650-40 Datasheet HTML 5Page - Renesas Technology Corp ICS650-40 Datasheet HTML 6Page - Renesas Technology Corp ICS650-40 Datasheet HTML 7Page - Renesas Technology Corp ICS650-40 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS650-40
ETHERNET SWITCH CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ ETHERNET SWITCH CLOCK SOURCE
5
ICS650-40
REV E 051310
Thermal Characteristics (16-pin TSSOP)
Marking Diagram
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week number that the part was assembled.
3. “LF” designates Pb (lead ) free package.
4. Bottom marking: (origin). Origin = country of origin if not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
78
° C/W
θJA
1 m/s air flow
70
° C/W
θJA
3 m/s air flow
68
° C/W
Thermal Resistance Junction to Case
θJC
37
° C/W
8
16
9
650G40LF
######
YYWW
ICS
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com