Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-40 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS650-40
Description  ETHERNET SWITCH CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS650-40 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS650-40 Datasheet HTML 1Page - Renesas Technology Corp ICS650-40 Datasheet HTML 2Page - Renesas Technology Corp ICS650-40 Datasheet HTML 3Page - Renesas Technology Corp ICS650-40 Datasheet HTML 4Page - Renesas Technology Corp ICS650-40 Datasheet HTML 5Page - Renesas Technology Corp ICS650-40 Datasheet HTML 6Page - Renesas Technology Corp ICS650-40 Datasheet HTML 7Page - Renesas Technology Corp ICS650-40 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
ETHERNET SWITCH CLOCK SOURCE
ICS650-40
IDT™ / ICS™ ETHERNET SWITCH CLOCK SOURCE
1
ICS650-40
REV E 051310
Description
The ICS650-40 is a clock chip designed for use in Ethernet
Switch applications. Using IDT’s patented Phase-Locked
Loop (PLL) techniques, the device takes a 25 MHz crystal
input and produces various output clock frequencies as
listed in Output Select Table.
Features
• Packaged in 16-pin TSSOP
• Pb (lead) free package
• Operating voltage of 3.3 V
• Low power consumption
• Input frequency of 25 MHz
• Low long-term jitter
• 2.5 V to 3.3 V clock outputs
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
3
4
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
OE
S1:S0
CLKB
2
CLKA
Optional tuning crystal
capacitors
VDDOA
VDDOB


Similar Part No. - ICS650-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
Revision 060705
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results

Similar Description - ICS650-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
Fast Ethernet Clock Source
Revision 120597
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
Fast Ethernet Clock Source
Revision 121598
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
Revision 060705
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com