Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKZ Datasheet(PDF) 2 Page - ams AG

Part # ASKZ
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASKZ Datasheet(HTML) 2 Page - ams AG

  ASKZ Datasheet HTML 1Page - ams AG ASKZ Datasheet HTML 2Page - ams AG ASKZ Datasheet HTML 3Page - ams AG ASKZ Datasheet HTML 4Page - ams AG ASKZ Datasheet HTML 5Page - ams AG ASKZ Datasheet HTML 6Page - ams AG ASKZ Datasheet HTML 7Page - ams AG ASKZ Datasheet HTML 8Page - ams AG ASKZ Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 17
AS1322
austriamicrosystems
Data Sheet
Pin Descriptions
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin
Name
Pin
Number
Description
SW
1
Switch Pin. Connect an inductor between this pin and VIN. Keep the PCB
trace lengths as short and wide as is practical to reduce EMI and voltage
overshoot. If the inductor current falls to zero, or pin SHDNN is low, an
internal 100
Ω anti-ringing switch is connected from this pin to VIN to
minimize EMI.
Note: An optional Schottky diode can be connected between this pin and
VOUT.
GND
2
Signal and Power Ground. Provide a short, direct PCB path between this
pin and the negative side of the output capacitor(s).
FB
3
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor
divider tap to this pin. The output voltage can be adjusted from 2.5 to 5V by:
VOUT = 1.23V[1 + (R1/R2)]
SHDNN
4
Shutdown Pin. Logic controlled shutdown input.
1 = Normal operation, 1.2MHz typical operating frequency.
0 = Shutdown; quiescent current <1µA. If SHDNN is undefined, pin SW may
ring.
Note: In a typical application, SHDNN should be connected to VIN through a
1M
Ω pull-up resistor.
VOUT
5
Output Voltage Sense Input and Drain of the Internal PMOS
Synchronous Rectifier. Bias is derived from VOUT when VOUT exceeds VIN.
PCB trace length from VOUT to the output filter capacitor(s) should be as
short and wide as is practical. Due to the ESD protection diode of the
internal PMOS synchronous rectifier, VOUT is held at VIN - 0.6V during
shutdown.
VIN
6
Input Voltage. The AS1322 gets its start-up bias from VIN unless VOUT
exceeds VIN, in which case the bias is derived from VOUT. Thus, once
started, operation is completely independent from VIN. Operation is only
limited by the output power level and the internal series resistance of the
supply.
1
SW
AS1322
2
GND
3
FB
6 VIN
5 VOUT
4 SHDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com