Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASKZ Datasheet(PDF) 6 Page - ams AG

Part # ASKZ
Description  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASKZ Datasheet(HTML) 6 Page - ams AG

Back Button ASKZ Datasheet HTML 2Page - ams AG ASKZ Datasheet HTML 3Page - ams AG ASKZ Datasheet HTML 4Page - ams AG ASKZ Datasheet HTML 5Page - ams AG ASKZ Datasheet HTML 6Page - ams AG ASKZ Datasheet HTML 7Page - ams AG ASKZ Datasheet HTML 8Page - ams AG ASKZ Datasheet HTML 9Page - ams AG ASKZ Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.03
6 - 17
AS1322
austriamicrosystems
Data Sheet
Pin Descriptions
Figure 9. Output Current vs. Battery Voltage;
Figure 10. No Load Battery Current vs. VBATT
VOUT = 5.0V, 3% Tolerance
VOUT = 3.3V, TAMB = 25ºC
Figure 11. SW Pin Antiringing Operation
Figure 12. SW Pin Fixed Frequency Continuous Current
VIN = 1.3V, VOUT = 3.3V, L = 10µH, C = 10µF, IOUT = 5mA
VIN = 1.3V, VOUT = 3.3V, L = 10µH, C = 10µF, IOUT = 100mA
Figure 13. VOUT Transient Response.
Figure 14. Fixed Frequency vs. Powersave Operation
VIN = 1.3V, VOUT = 3.3V, L = 10µH, C = 10µF
VIN = 1.3V, VOUT = 3.3V, L = 10µH, C = 10µF
Parts used for measurments: 10µH (MOS6020-103ML) Inductor, 10µF (GRM31CR70J106KA01L) CIN and COUT
0
100
200
300
400
500
600
700
800
900
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Battery Voltage (V)
10
100
1000
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
Battery Voltage (V)
100ns/Div
100ns/Div
100µs/Div
10ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com