Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B37 Datasheet(PDF) 1 Page - Analog Devices

Part # 3B37
Description  Isolated, Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B37 Datasheet(HTML) 1 Page - Analog Devices

  3B37 Datasheet HTML 1Page - Analog Devices 3B37 Datasheet HTML 2Page - Analog Devices 3B37 Datasheet HTML 3Page - Analog Devices 3B37 Datasheet HTML 4Page - Analog Devices 3B37 Datasheet HTML 5Page - Analog Devices 3B37 Datasheet HTML 6Page - Analog Devices 3B37 Datasheet HTML 7Page - Analog Devices 3B37 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated, Thermocouple Input
3B37
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Interfaces, amplifies, & filters input voltages from a J, K, T, E,
R, S, or B-type thermocouple.
High accuracy internal cold junction compensation.
Module provides simultaneous precision voltage and
current outputs.
Current output withstands 130V rms without damage.
All 3B37 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 3B Series of Signal Conditioning I/o Subsystems provide a
low-cost, versatile method of transferring analog transducer
signals to a data acquisition, monitoring or control system
without the inherent noise, non-linearity, drift and extraneous
voltages. The modules are designed to directly accept analog
signals from Thermocouples, RTD’s, AC and DC Strain Gages,
Torque Transducers, Frequency Transducers, LVDTs, millivolt
or process current signals. The modules amplify, isolate,
linearize and convert the transducer output signals to
standardized analog inputs for high-level analog I/O
subsystems. The 3B Series Subsystem consists of a 10” relay
rack with universal mounting backplane and a family of plug-in
(up to 16 per rack) input and output signal conditioning
modules.
Eight and four channel backplanes are also available. Each
backplane incorporates screw terminals for sensor inputs and
current outputs and a 26-pin connector for high-level single-
ended voltage outputs to the user’s equipment.
The input modules feature complete signal conditioning
circuitry optimized for specific sensors or analog signals and
provide two simultaneous high-level analog outputs: 0 to +10V
(or +10V) and 4-20 mA (or 0-20 mA).
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 3B37 Functional Block Diagram
Output modules accept 0 to +10V (or +10V) single-ended
signals and provide an isolated 4-20 mA (or 0-20 mA) process
signal. All modules feature a universal pin-out and may be
readily hot-swapped under full power and interchanged without
disrupting field wiring.
The Analog Devices 3B Series Signal Conditioning Subsystem is
designed to easily handle signal conditioning problems in
measurement and control applications. Some typical uses are in
microcomputer-based data acquisition systems, programmable
controllers, analog recorders, dedicated control systems, and any
other applications where monitoring of temperature, pressure,
flow and analog signals are required. Since each input module
features two simultaneous outputs, the voltage output can be
used to provide an input to a microprocessor-based data
acquisition or control system while the current output can be
used for analog transmission, operator interface, or an analog
backup system.
Each input module is a single-channel signal conditioner which
plugs into a socket on the backplane and accepts its signal from
the input screw terminals. All input modules provide input
protection, amplification and filtering of the input signal,
accuracy of +0.1%, low drift of +1 uV/oC (low-level input
modules), and feature two high-level analog outputs that are
compatible with most process instrumentation. The isolated
input modules also provide +1500 V peak isolation.
The choice of a specific 3B module depends upon the type of
input signal. Input modules are available to accept millivolt, volt,
process current, thermocouple, RTD, AC and DC strain gage,
frequency and LVDT inputs. The voltage output of each module
is available from the sysem I/O connector while the current
output is available on the output screw terminals.


Similar Part No. - 3B37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B37 AD-3B37_15 Datasheet
342Kb / 8P
Isolated, Thermocouple Input
REV. 0
More results

Similar Description - 3B37

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B37 AD-7B37 Datasheet
532Kb / 8P
Isolated, Thermocouple Input
7B47 AD-7B47 Datasheet
540Kb / 8P
Isolated, Linearized Thermocouple Input
5B37 AD-5B37 Datasheet
699Kb / 8P
Isolated Thermocouple Input
REV. 0
7B27 AD-7B27 Datasheet
538Kb / 8P
Isolated Thermocouple Input
REV. 0
3B37 AD-3B37_15 Datasheet
342Kb / 8P
Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37_15 Datasheet
700Kb / 8P
Isolated Thermocouple Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
Isolated, Linearized Thermocouple Input
REV. 0
7B27 AD-7B27_15 Datasheet
539Kb / 8P
Isolated Thermocouple Input
REV. 0
7B37 AD-7B37_15 Datasheet
538Kb / 8P
Isolated, Thermocouple Input
REV. 0
logo
Advantech Co., Ltd.
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
Isolated Thermocouple Input Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com