Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8137 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8137 Datasheet HTML 9Page - Analog Devices AD8137 Datasheet HTML 10Page - Analog Devices AD8137 Datasheet HTML 11Page - Analog Devices AD8137 Datasheet HTML 12Page - Analog Devices AD8137 Datasheet HTML 13Page - Analog Devices AD8137 Datasheet HTML 14Page - Analog Devices AD8137 Datasheet HTML 15Page - Analog Devices AD8137 Datasheet HTML 16Page - Analog Devices AD8137 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8137
Rev. A | Page 13 of 24
TIME (ns)
8
2
4
6
0
–4
–2
–6
–8
250ns/DIV
INPUT
× 2
OUTPUT
G = 2
Figure 37. Overdrive Recovery
TIME (ns)
100
50
25
75
0
–25
–50
–75
–100
10ns/DIV
VO, dm = 100mV p-p
CF = 0pF
CF = 1pF
Figure 38. Small Signal Transient Response for Various Feedback Capacitances
TIME (ns)
100
50
25
75
0
–50
–25
–75
–100
20ns/DIV
RS = 111, CL = 5pF
RS = 60.4, CL = 15pF
Figure 39. Small Signal Transient Response for Various Capacitive Loads
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.5
1.0
CF = 0pF
VO, dm = 3.5V p-p
ERROR = VO, dm - INPUT
TSETTLE = 110ns
50ns/DIV
VO, dm
INPUT
TIME (ns)
Figure 40. Settling Time (0.02%)
2V p-p
1V p-p
TIME (ns)
1.5
1.0
–0.5
0
0.5
–1.0
–1.5
CF = 0pF
CF = 1pF
CF = 0pF
CF = 1pF
20ns/DIV
Figure 41. Large Signal Transient Response for Various Feedback Capacitances
TIME (ns)
1.5
0.5
1.0
0
–0.5
–1.0
–1.5
20ns/DIV
RS = 111, CL = 5pF
RS = 60.4, CL = 15pF
Figure 42. Large Signal Transient Response for Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com