Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 17Page - Advanced Micro Devices AMD-766 Datasheet HTML 18Page - Advanced Micro Devices AMD-766 Datasheet HTML 19Page - Advanced Micro Devices AMD-766 Datasheet HTML 20Page - Advanced Micro Devices AMD-766 Datasheet HTML 21Page - Advanced Micro Devices AMD-766 Datasheet HTML 22Page - Advanced Micro Devices AMD-766 Datasheet HTML 23Page - Advanced Micro Devices AMD-766 Datasheet HTML 24Page - Advanced Micro Devices AMD-766 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
21
4.3.4.2.2
The IRQ lines
The IOAPIC supports 24 interrupt request signals. Each interrupt request input is combined with its corresponding
redirection register to specify the behavior of the interrupt. These interrupt request signals are connected to
redirection registers (APIC IRQs) as shown in the following table.
APIC IRQ Connection
APIC IRQ Connection
0
PIC INTR output
12
PIC_IRQ12
1
PIC_IRQ1
13
PIC_IRQ13 (floating point error)
2
PIC_IRQ0 (PIT)
14
PIC_IRQ14
3
PIC_IRQ3
15
PIC_IRQ15
4
PIC_IRQ4
16
PIRQA#
5
PIC_IRQ5
17
PIRQB#
6
PIC_IRQ6
18
PIRQC#
7
PIC_IRQ7
19
PIRQD#
8
PIC_INT8 (RTC)
20
GPIO2 (see PMC2)
9
PIC_IRQ9
21
GPIO3 (see PMC3)
10
PIC_IRQ10
22
SCI or GPIO16 (see C0A4B and PMD0)
11
PIC_IRQ11
23
SMI or GPIO17 (see C0A4B and PMD1)
Note: APIC IRQs [23:20] may also be ORed with the TCO IRQ as specified by C3A44[TCO_INT_SEL]. Note:
PIC_IRQx is specified in section 4.3.4.1.
4.3.5
Real-Time Clock (Logic Powered by VDD_AL)
The real-time clock logic requires an external 32 kHz oscillator connected to RTCX_IN and RTCX_OUT. It
includes a clock and calendar timer, an alarm (which generates an interrupt), and 256 bytes of non-volatile RAM. It
is register compatible with the legacy PC real-time clocks. It meets ACPI real-time clock requirements. The real-
time clock resides on the VDD_AL power plane.
4.4
Enhanced IDE Controller
The enhanced IDE controller support independent primary and secondary ports. Each port supports two drives.
Supported protocols include PIO modes 0-4, multi-word DMA, and ultra DMA modes through to ATA-100. Each of
the four possible drives may be programmed to operate in any mode independent of the other drives.
The enhanced IDE controller is accessed through function 1 PCI configuration registers (C1Axx).
4.5
USB Controller
The USB Controller is an implementation of the Open Host Controller Interface 1.0a specification containing a host
controller core, a 4-port root hub, and hardware traps for legacy keyboard and mouse emulation.
4.5.1
USB Interrupts
The USB interrupt signal is drive low the PCI interrupt, PIRQD#. However, it may be diverted to SMIs by the
OHCI-defined register HcControl_InterruptRouting. See section 4.3.4.1 for data on routing keyboard and mouse
emulation interrupts. SMI interrupts are also generated in response to accesses to IO ports 60h and 64h and to IRQ1
and IRQ12 in support of the emulation logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com