Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AMD-766
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AMD-766 Datasheet HTML 9Page - Advanced Micro Devices AMD-766 Datasheet HTML 10Page - Advanced Micro Devices AMD-766 Datasheet HTML 11Page - Advanced Micro Devices AMD-766 Datasheet HTML 12Page - Advanced Micro Devices AMD-766 Datasheet HTML 13Page - Advanced Micro Devices AMD-766 Datasheet HTML 14Page - Advanced Micro Devices AMD-766 Datasheet HTML 15Page - Advanced Micro Devices AMD-766 Datasheet HTML 16Page - Advanced Micro Devices AMD-766 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
13
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
a power button override event is generated. A power button override event
causes the PWRON# pin to be driven high and PM00[PBOR_STS] to be
set high. The logic for this pin includes a 16 millisecond debounce circuit;
the signal must be stable for about 16 milliseconds before it is detected by
the rest of the internal logic.
PWRGD. Power good. This is required to be low while the VDD3 power
plane is not valid, stay low for at least 50 milliseconds after it becomes
valid, and then go high. It is the reset source for the VDD3 logic in the IC.
The rising edge of this pin is debounced for one to two 32 kHz (RTC)
clocks before it is internally detected as being high.
Input
w/H
VDD_
AUX
---
PWRON#. Main power on. This is designed to control the main power
supplies to the system board, including the IC’s VDD3 plane. It is asserted
during the FON, C2, C3, and POS states; it is deasserted during the STR,
STD and SOFF states. See section 4.6.1.5 for more details.
OD
VDD_
AUX
Low
Low
Low
RI#. Ring indicate. This pin may be used to generate SMI or SCI
interrupts and resume events. It controls PM20[RI_STS]. This pin may
also be configured as GPIO14 by PMCE.
Input,
IO
VDD_
AUX
---
RPWRON. RAM power on. This is designed to control power to the
system memory power plane. When high, it is expected that power to
system memory is enabled. When low, it is expected that power to system
memory is disabled. This pin is low during STD and SOFF and high in all
other states. See section 4.6.1.5 for more details.
OD
VDD_
AUX
High
High
High
RTCX_IN. Real time clock 32.768 kHz crystal input. This pin is
designed to be connected through a crystal oscillator to RTCX_OUT.
Analog VDD_
AL
Func.
Func.
Func.
RTCX_OUT. Real time clock 32.768 kHz crystal output.
Analog VDD_
AL
Func.
Func.
Func.
SERIRQ. Serial IRQ function. This pin supports the serial IRQ protocol.
Control for this is in C3A4A.
IO
VDD3
-
-
Func.
SLPBTN#. Sleep button. This may be used to control the automatic
transition from a sleep state to FON. It controls PM00[SLPBTN_STS].
Also, if it is asserted for four seconds from any state other than SOFF, then
a power button override event is generated. A power button override event
causes the PWRON# pin to be driven high and PM00[PBOR_STS] to be
set high. The logic for this pin includes a 16 millisecond debounce circuit;
the signal must be stable for about 16 milliseconds before it is detected by
the rest of the internal logic. This pin may also be configured as GPIO3 by
PMC3.
Input,
IO
VDD_
AUX
---
SMBUSC. System management bus (SMBus) clock. This pin may also
be configured as GPIO0 by PMC0.
I w/H /
OD
VDD_
AUX
3-state 3-state
Func.
SMBUSD. System management bus (SMBus) data. This pin may also be
configured as GPIO1 by PMC1.
I w/H /
OD
VDD_
AUX
3-state 3-state
Func.
SUSPEND#. Suspend output. This may be used during the POS state to
control an external power planes. It is controlled by C3A50.
IO
VDD3
High
High
Func.
THERM#. Input; thermal warning detect. This may be used to
automatically enable processor throttling as specified by C3A50[TTH_EN,
TTH_RATIO]. See section 4.6.1.4 for more details.
IO
VDD3
-
-
Func.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com