Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4ME13CA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LT4ME13CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LT4ME13CA Datasheet(HTML) 3 Page - Diodes Incorporated

  LT4ME13CA Datasheet HTML 1Page - Diodes Incorporated LT4ME13CA Datasheet HTML 2Page - Diodes Incorporated LT4ME13CA Datasheet HTML 3Page - Diodes Incorporated LT4ME13CA Datasheet HTML 4Page - Diodes Incorporated LT4ME13CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Device
Marking code
Reverse
stand-off
voltage
Breakdown voltage
VBR Volts
Maximum reverse
voltage at IRSM
(clamping voltage)
Maximum
reverse surge
current
Maximum reverse
leakage at VRWM
Uni
Bi
Uni
Bi
VRWM(Volts)
Min.
Max
@IT(mA)
VRSM(Volts)
IRSM(Amps)
IR (uA)
LT4ME5.0A
LT4ME5.0CA
HE
TE
5.0
6.40
7.07
10
9.2
43.5
800
LT4ME6.0A
LT4ME6.0CA
HG
TG
6.0
6.67
7.37
10
10.3
38.3
800
LT4ME6.5A
LT4ME6.5CA
HK
TK
6.5
7.22
7.98
10
11.2
35.7
500
LT4ME7.0A
LT4ME7.0CA
HM
TM
7.0
7.78
8.60
10
12.0
33.3
200
LT4ME7.5A
LT4ME7.5CA
HP
TP
7.5
8.3
9.21
1
12.9
31.0
100
LT4ME8.0A
LT4ME8.0CA
HR
TR
8.0
8.89
9.83
1
13.6
29.4
50
LT4ME8.5A
LT4ME8.5CA
HT
TT
8.5
9.44
10.43
1
14.4
27.7
10
LT4ME9.0A
LT4ME9.0CA
HV
TV
9.0
10.0
11.1
1
15.4
26.0
5
LT4ME10A
LT4ME10CA
HX
TX
10
11.1
12.3
1
17.0
23.5
5
LT4ME11A
LT4ME11CA
HZ
TZ
11
12.2
13.5
1
18.2
22.0
0.5
LT4ME12A
LT4ME12CA
IE
UE
12
13.3
14.7
1
19.9
20.1
0.5
LT4ME13A
LT4ME13CA
IG
UG
13
14.4
15.9
1
21.5
18.6
0.5
LT4ME14A
LT4ME14CA
IK
UK
14
15.6
17.2
1
23.2
17.2
0.5
LT4ME15A
LT4ME15CA
IM
UM
15
16.7
18.5
1
24.4
16.4
0.5
LT4ME16A
LT4ME16CA
IP
UP
16
17.8
19.7
1
26.0
15.3
0.5
LT4ME17A
LT4ME17CA
IR
UR
17
18.9
20.9
1
27.6
14.5
0.5
LT4ME18A
LT4ME18CA
IT
UT
18
20.0
22.1
1
29.2
13.7
0.5
LT4ME20A
LT4ME20CA
IV
UV
20
22.2
24.5
1
32.4
12.3
0.5
LT4ME22A
LT4ME22CA
IX
UX
22
24.4
27.0
1
35.5
11.2
0.5
LT4ME24A
LT4ME24CA
IZ
UZ
24
26.7
29.5
1
38.9
10.3
0.5
LT4ME26A
LT4ME26CA
JE
VE
26
28.9
31.9
1
42.1
9.5
0.5
LT4ME28A
LT4ME28CA
JG
VG
28
31.1
34.4
1
45.4
8.8
0.5
LT4ME30A
LT4ME30CA
JK
VK
30
33.3
36.8
1
48.4
8.3
0.5
LT4ME33A
LT4ME33CA
JM
VM
33
36.7
40.6
1
53.3
7.5
0.5
LT4ME36A
LT4ME36CA
JP
VP
36
40.0
44.2
1
58.1
6.9
0.5
LT4ME40A
LT4ME40CA
JR
VR
40
44.4
49.1
1
64.5
6.2
0.5
LT4ME43A
LT4ME43CA
JT
VT
43
47.8
52.8
1
69.4
5.7
0.5
LT4ME45A
LT4ME45CA
JV
VV
45
50.0
55.3
1
72.7
5.5
0.5
LT4ME48A
LT4ME48CA
JX
VX
48
53.3
58.9
1
77.4
5.2
0.5
LT4ME51A
LT4ME51CA
JZ
VZ
51
56.7
62.7
1
82.4
4.9
0.5
LT4ME54A
LT4ME54CA
RE
WE
54
60.0
66.3
1
87.1
4.6
0.5
LT4ME58A
LT4ME58CA
RG
WG
58
64.4
71.2
1
93.6
4.3
0.5
LT4ME60A
LT4ME60CA
PK
WK
60
66.7
73.7
1
96.8
4.1
0.5
LT4ME64A
LT4ME64CA
RM
WM
64
71.1
78.6
1
103
3.9
0.5
LT4ME70A
LT4ME70CA
RP
WP
70
77.8
86.0
1
113
3.5
0.5
LT4ME75A
LT4ME75CA
RR
WR
75
83.3
92.1
1
121
3.3
0.5
LT4ME78A
LT4ME78CA
RT
WT
78
86.7
95.8
1
126
3.2
0.5
LT4ME85A
LT4ME85CA
RV
WV
85
94.4
104
1
137
2.9
0.5
LT4ME90A
LT4ME90CA
RX
WX
90
100
111
1
146
2.7
0.5
LT4ME100A LT4ME100CA
RZ
WZ
100
111
123
1
162
2.5
0.5
LT4ME110A LT4ME110CA
SE
XE
110
122
135
1
177
2.3
0.5
LT4ME120A LT4ME120CA
SG
XG
120
133
147
1
193
2.0
0.5
LT4ME130A LT4ME130CA
SK
XK
130
144
159
1
209
1.9
0.5
LT4ME150A LT4ME150CA
SM
XM
150
167
185
1
243
1.6
0.5
LT4ME160A LT4ME160CA
SP
XP
160
178
197
1
259
1.5
0.5
LT4ME170A LT4ME170CA
SR
XR
170
189
209
1
275
1.4
0.5
LT4ME188A LT4ME188CA
SS
VS
188
209
231
1
328
1.2
0.5
LT4ME200A LT4ME200CA
ST
YT
200
224
248
1
324
1.2
0.5
NOTE : Suffix 'A ' denotes 5% tolerance device.
8.
Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
9.
The IR limit is double for Bi-directional devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com