Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4ME13CA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LT4ME13CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LT4ME13CA Datasheet(HTML) 1 Page - Diodes Incorporated

  LT4ME13CA Datasheet HTML 1Page - Diodes Incorporated LT4ME13CA Datasheet HTML 2Page - Diodes Incorporated LT4ME13CA Datasheet HTML 3Page - Diodes Incorporated LT4ME13CA Datasheet HTML 4Page - Diodes Incorporated LT4ME13CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SURFACE MOUNT
UNIDIRECTIONAL AND BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
STAND-OFF VOLTAGE - 5.0 to 200 Volts
POWER DISSIPATION - 400 Watts
FEATURES
• For surface mounted applications
• Reliable low cost construction utilizing molded plastic technique.
• Typical IR less than 1uA above 10V
• Fast response time: typically less than 1.0ns for Uni-direction,less
than 5.0ns for Bi-direction,form Volts to BV min
• RoHS compliant
• IEC6100-4-2, >30KV(air); >30KV(Contact).(Note 4)
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
MECHANICAL DATA
• Package material: “Green” molding compound UL flammability
classification 94V-
0 (No Br. Sb, CI) “Halogen-free”
• Polarity : by cathode band denotes uni-directional
device none cathode band denotes bi-directional device
• Weight : 0.002 ounces, 0.0165 gram
DO-219AA
DO-219AA
DIM.
MIN.
TYP.
MAX
A
3.5
3.80
3.90
B
1.7
1.90
2.00
C
0.81
1.18
1.20
D
2.70
2.80
2.90
E
0.80
1.00
1.35
F
0.05
0.15
0.30
G
0.35
0.60
0.85
H
0.03
0.07
0.10
I
0°
5°
8°
All Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ABSOLUTE RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Peak Power Dissipation at TA = 25
℃ , TP = 1ms (Note 5)
PPP
400
W
Peak Forward Surge Current 8.3ms single half sine-wave @ TJ = 25
℃ (Note 6)
IFSM
40
A
Steady State Power Dissipation at TL =120
℃
PM(AV)
1.0
W
Maximum Instantaneous forward voltage at 16A for unidirectional devices only (Note 7)
VF
3
V
Operating junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
REV. 11, Nov-2021, KSIF82
LT4ME5.0A(CA) - LT4ME200A(CA)
Green
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. LT4ME5.0 thru LT4ME24 devices that comply IEC 61000-4-2 levels.
5. Non-repetitive current pulse, per fig. 3 and derated above TA= 25
℃ per fig.1.
6. Only for unidirectional units.
7. VF max=3V at IF=16 A 300us square wave pulse.


Similar Part No. - LT4ME13CA

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LT4 WELLER-LT4 Datasheet
80Kb / 4P
Soldering Tips
logo
List of Unclassifed Man...
LT4.5MB ETC2-LT4.5MB Datasheet
140Kb / 1P
CERAMIC FOR FILTER TV/VTR
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
logo
Transko Electronics, In...
LT4.5MB TRANSKO-LT4.5MB Datasheet
370Kb / 1P
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LT4.5MBP TOKEN-LT4.5MBP Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
More results

Similar Description - LT4ME13CA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ HY-SMAJ Datasheet
121Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMBJ HY-SMBJ Datasheet
116Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com