Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC02 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVC02
Description  Quad 2-input NOR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC02 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVC02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74ALVC02
Quad 2-input NOR gate
Rev. 5 — 27 July 2021
Product data sheet
1. General description
The 74ALVC02 is a quad 2-input NOR gate.
Schmitt-trigger action at all inputs makes the circuit tolerant for slower input rise and fall times.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 3.6 V
• 3.6 V tolerant inputs/outputs
• CMOS low power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• Complies with JEDEC standards:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V (C = 200 pF; R = 0 Ω)
• Multiple package options
• Specified from -40 °C to +85 °C


Similar Part No. - 74ALVC02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC02 PHILIPS-74ALVC02 Datasheet
85Kb / 13P
Quad 2-input NOR gate
2003 Jul 14
74ALVC02BQ PHILIPS-74ALVC02BQ Datasheet
85Kb / 13P
Quad 2-input NOR gate
2003 Jul 14
74ALVC02D PHILIPS-74ALVC02D Datasheet
85Kb / 13P
Quad 2-input NOR gate
2003 Jul 14
74ALVC02PW PHILIPS-74ALVC02PW Datasheet
85Kb / 13P
Quad 2-input NOR gate
2003 Jul 14
More results

Similar Description - 74ALVC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com