Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFR92
Description  NPN 5 GHz wideband transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFR92 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFR92 Datasheet HTML 1Page - NXP Semiconductors BFR92 Datasheet HTML 2Page - NXP Semiconductors BFR92 Datasheet HTML 3Page - NXP Semiconductors BFR92 Datasheet HTML 4Page - NXP Semiconductors BFR92 Datasheet HTML 5Page - NXP Semiconductors BFR92 Datasheet HTML 6Page - NXP Semiconductors BFR92 Datasheet HTML 7Page - NXP Semiconductors BFR92 Datasheet HTML 8Page - NXP Semiconductors BFR92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFR92
DESCRIPTION
NPN transistor in a plastic SOT23
envelope primarily intended for use in
RF wideband amplifiers and
oscillators. The transistor features
low intermodulation distortion and
high power gain; due to its very high
transition frequency, it also has
excellent wideband properties and
low noise up to high frequencies.
PNP complement is BFT92.
PINNING
PIN
DESCRIPTION
Code: P1p
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
15
V
IC
DC collector current
25
mA
Ptot
total power dissipation
up to Ts =95 °C; note 1
300
mW
fT
transition frequency
IC = 14 mA; VCE = 10 V; f = 500 MHz;
Tj =25 °C
5
GHz
Cre
feedback capacitance
IC = 2 mA; VCE = 10 V; f = 1 MHz
0.4
pF
GUM
maximum unilateral power gain
IC = 14 mA; VCE = 10 V; f = 500 MHz;
Tamb =25 °C
18
dB
F
noise figure
IC = 2 mA; VCE = 10 V; f = 500 MHz;
Tamb =25 °C; Zs = opt.
2.4
dB
Vo
output voltage
dim = −60 dB; IC = 14 mA; VCE = 10 V;
RL =75 Ω; Tamb =25 °C;
f(p+q−r) = 493.25 MHz
150
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
15
V
VEBO
emitter-base voltage
open collector
2V
IC
DC collector current
25
mA
Ptot
total power dissipation
up to Ts =95 °C; note 1
300
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com