Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC4D Datasheet(PDF) 2 Page - ITT Industries

Part # KSC4D
Description  Sealed Detect Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC4D Datasheet(HTML) 2 Page - ITT Industries

  KSC4D Datasheet HTML 1Page - ITT Industries KSC4D Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KSC4D Series
Sealed Detect Switch for SMT
ACTUATOR
ø2,6
(.102)
KSC4D1J SOFT, 5,2 mm high
KSC4D1G SOFT, 5,2 mm high
3,0 max.
(.118)
8,6 min.
(.339)
PAD LAYOUT
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ittcannon.com
F–8
F
LAYOUT PAD
12 MINI
5,8 MAXI
10±0,3
Ø2,7±0,1
(15 0’)
7,50.30
(5 0’)
6,20.30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com