Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC4D Datasheet(PDF) 1 Page - ITT Industries

Part # KSC4D
Description  Sealed Detect Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC4D Datasheet(HTML) 1 Page - ITT Industries

  KSC4D Datasheet HTML 1Page - ITT Industries KSC4D Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F–7
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ittcannon.com
F
KSC4D Series
Sealed Detect Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local ITT representative.
Features/Benefits
• 6mm Detect
• Soft actuator
• J or G terminations
• Tape & reel
• IP 67
• RoHS compliant and compatible
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
1
Tolerances of operating force FA is ± 1N.
Actuator
4 Soft, H=5,2 mm
K
S
C
4
D
Operating Force
D Detect 2.0N (200 grams)
L
F
S
Contact Material
1
Silver
Termination
J J bend
G Gull wing
Operating force
Operating
FA1 Newtons
life
Type
(grams)
(operations)
Travel
KSC4D1G
2,0 (200)
100,000
0,60 ± 0,4
KSC4D1J
Typical Applications
• Automotive
• Cellular phones
• Industrial electronics
• Computer infrastructure and IT
Electrical
Silver
MAXIMUM POWER:
1 VA
MAXIMUM VOLTAGE:
32 VDC
MINIMUM VOLTAGE:
20 mV
MAXIMUM CURRENT:
50 mA
MINIMUM CURRENT:
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 250 V
CONTACT RESISTANCE: < 100 m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: < 1 ms
NOTE: Part numbers listed above do not represent all possible configurations.
For information on specific and custom switches, consult Customer Service Center.
S
H
Rubber Hardness
Indication
50
Shore
RoHS compliant and
compatible.
Silver plated.
Electrical
Silver
OPERATING TEMPERATURE:
-40˚C to 85˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
Process
SOLDERING:
- Cleaning according to typical washing processes.
- Infrared Reflow according to free soldering process.
Packaging
Reels of 1,000 pieces. Dimensions of reels according to EIA
RS481 or IEC 2863. External diameter 330 mm ± 2 mm.


Similar Part No. - KSC4D

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC4D CK-COMPONENTS-KSC4D Datasheet
147Kb / 2P
Sealed Detect Switch for SMT
KSC4D150SHLFS CK-COMPONENTS-KSC4D150SHLFS Datasheet
147Kb / 2P
Sealed Detect Switch for SMT
KSC4D1G CK-COMPONENTS-KSC4D1G Datasheet
147Kb / 2P
Sealed Detect Switch for SMT
KSC4D1J50SH CK-COMPONENTS-KSC4D1J50SH Datasheet
197Kb / 2P
Sealed Detect Switch for SMT
KSC4D1J50SHLFS CK-COMPONENTS-KSC4D1J50SHLFS Datasheet
147Kb / 2P
Sealed Detect Switch for SMT
More results

Similar Description - KSC4D

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC4D CK-COMPONENTS-KSC4D Datasheet
147Kb / 2P
Sealed Detect Switch for SMT
KSR2D CK-COMPONENTS-KSR2D Datasheet
120Kb / 1P
Subminiature Detect Switch for SMT
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC4D1J50SH CK-COMPONENTS-KSC4D1J50SH Datasheet
197Kb / 2P
Sealed Detect Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
Sealed Tact Switch for SMT
JCH CK-COMPONENTS-JCH Datasheet
149Kb / 1P
Microminiature IP64 Sealed SMT Detect Switch
2013
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
Sealed Tact Switch for SMT
KSCD CK-COMPONENTS-KSCD Datasheet
271Kb / 2P
Sealed Detect Switch for SMT
8 Apr 22
KSRD CK-COMPONENTS-KSRD Datasheet
190Kb / 2P
Subminiature Detect Switch for SMT
29 Jul 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com