Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8214ARMZ
Description  High Voltage Threshold Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8214ARMZ Datasheet HTML 3Page - Analog Devices AD8214ARMZ Datasheet HTML 4Page - Analog Devices AD8214ARMZ Datasheet HTML 5Page - Analog Devices AD8214ARMZ Datasheet HTML 6Page - Analog Devices AD8214ARMZ Datasheet HTML 7Page - Analog Devices AD8214ARMZ Datasheet HTML 8Page - Analog Devices AD8214ARMZ Datasheet HTML 9Page - Analog Devices AD8214ARMZ Datasheet HTML 10Page - Analog Devices AD8214ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8214
Rev. 0 | Page 7 of 16
5
2.428
2.436
2.432
2.440
2.444
2.448
SUPPLY VOLTAGE (V)
5
1525
354555
6
TA = +125°C
TA = +25°C
TA = –40°C
Figure 10. Regulator Voltage vs. Supply Voltage
(Between VREG and VS)
2.30
2.35
2.40
2.45
2.50
REGULATOR LOAD RESISTANCE (kΩ)
10
50
100
150
200
TA = +125°C
TA = +25°C
TA = –40°C
Figure 11. Regulator Voltage vs. Regulator Load Resistance
(Series Resistance Between VREG and VS)
0
100
200
300
400
500
600
700
SUPPLY VOLTAGE (V)
5
1525
354555
65
TA = –40°C
TA = +125°C
TA = +25°C
Figure 12. Output Current vs. Supply Voltage
(Output Low)
0.90
0.95
1.00
1.05
1.10
SUPPLY VOLTAGE (V)
5
1525
354555
65
TA = –40°C
TA = +125°C
TA = +25°C
Figure 13. Output Current vs. Supply Voltage
(Output High)
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110 125
Figure 14. Hysteresis Voltage vs. Temperature
(–IN Increasing)
50
70
90
110
130
150
170
OVERDRIVE VOLTAGE (mV)
15
25
35
45
55
65
75
85
95
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 15. Fall Time vs. Overdrive Voltage
(–IN > +IN by Specified VOD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com